Part Number Hot Search : 
MDR2100 6715MMM DM78L06A LY621 TMP8155P T5100150 ULQ2003A UPD7801
Product Description
Full Text Search
 

To Download RFX250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.5V LVE-PECL XO
MODEL: RFX250
FEATURES
* 2.5V Operation * High Performance * Complementary Output
Discontinued
Applications Include
* SONET * SDH * ATM * WAN * Gb Ethernet Learn more about: Part Marking Identification Tape and Reel Specification
Internet required
PRELIMINARY
* PART NUMBER SELECTION Learn More - Internet Required
Model Number 680-Frequency-xxxxx RFX250 Part Number Frequency Stability See table Operating Temperature See table Frequency Range (MHz) 600.000 ~ 1250
* ELECTRICAL CHARACTERISTICS
PARAMETERS
Frequency Range (FO) Stability (-20 ~ +70C) (-40 ~ +85C) Storage Temperature Range Input Voltage (VDD) Input Current (IDD) Rise Time (20% ~ 80% Vp-p) Fall Time (80% ~ 20% Vp-p) Symmetry (50% Vp-p) Output Voltage (VOL) (VOH) PECL Skew (50% Vp-p) Jitter RMS 12kHz to 20MHz RMS 50kHz to 80MHz RMS Period Cycle-to-Cycle Output Disable Time Output Enable Time
1
MAX (unless otherwise noted)
600.000 ~ 1250MHz 20PPM 25PPM -55C ~ +125C 2.5V 5% 32mA 0.5nS 0.5nS 45/55 % 0.9 V 1.3 V Min 125pS 0.3pS Typ. 0.8pS Typ. 2.6pS Typ. 19pS Typ 100nS Max 100nS Max
Inclusive of 25C tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration. 2 An internal pullup resistor from pin 1 to pin 6 allows active output if pin 1 is left open All specifications subject to change without notice. Rev. 6/1/04
RFX300 Series Recommended Circuit
LV-PECL OUT LV-PECL OUT
All dimensions are in millimeters.
* ENABLE / DISABLE FUNCTION OUTPUT (Pin 4, pin 5) (Pin 1) ACTIVE OPEN 2 ACTIVE '1' Level VIH 2.0V High Z '0' Level VIL 1.0V
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
(c) 2004 FOX ELECTRONICS
61


▲Up To Search▲   

 
Price & Availability of RFX250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X